Part Number Hot Search : 
14KESD10 T89C5 2W47RJ 73050 RF100 1035C 16800 MTB60
Product Description
Full Text Search
 

To Download UFW1H101MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100y aluminum electrolytic capacitors fw series standard, for audio equipment radial lead type type numbering system (example : 10v 1000 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 40 to +85 c 6.3 to 100v 0.1 to 33000f 20% at 120hz, 20 c after 1 minute's application of rated voltage, leakage current is not more than 0.03 cv or 4 (a) , whichever is greater. after 2 minutes' application of rated voltage, leakage current is not more than 0.01 cv or 3 (a) , whichever is greater. printed with black color letter on gold sleeve. for capacitance of more than 1000 f, add 0.02 for every increase of 1000 f. measurement frequency : 120hz, temperature : 20 c measurement frequency : 120hz capacitance change leakage current the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours at 85 c. after sroring the capacitors under no load at 85 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. tan within 20% of the initial capacitance value 200% or less than the initial specified value less than or equal to the initial specified value rated voltage (v) tan (max.) 6.3 0.28 10 0.24 16 0.20 25 0.16 35 0.14 50 0.12 63 0.10 100 0.08 z 25 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 (max.) 6.3 5 12 10 4 10 16 3 8 25 2 5 35 2 4 50 2 3 63 2 3 100 2 3 fw fg high grade please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. ( d < 20) 1.5 ( d 20) 2.0 d p 5 0.5 2.0 6.3 0.5 2.5 8 0.5 3.5 10 0.5 5.0 12.5 0.5 5.0 16 0.5 7.5 18 0.5 7.5 d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 20 0.5 10 1.0 22 1.0 10 1.0 25 1.0 12.5 1.0 (mm) pressure relief vent p 0.5 l + max. 15 min 4 min sleeve (p.e.t.) d ( 6.3up) d + max. u 1 f 2 w 3 1 4 a 5 1 6 0 7 2 8 m 9 p 10 d 11 configuration capacitance tolerance ( 20%) rated capacitance (1000 f) rated voltage (10v) series name type d 5 pb-free leadwire pb-free pet sleeve dd ed 6.3 8 10 pd 12.5 to 18 hd 20 to 25 rd configuration dimension table in next page. compliant to the rohs directive (2002/95/ec). kw high sound quality please refer to page 20 about the end seal configulation.
cat.8100y aluminum electrolytic capacitors fw series frequency coefficient of rated ripple current frequency cap.(f) less than 47 100 to 470 1000 to 33000 50hz 0.75 0.80 0.85 120hz 1.00 1.00 1.00 300hz 1.35 1.23 1.10 1khz 1.57 1.34 1.13 10khz or more 2.00 1.50 1.15 dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 223 333 6.3 11 6.3 11 8 11.5 10 20 10 20 12.5 20 12.5 25 16 25 16 35.5 18 40 22 50 265 310 530 980 1170 1350 1600 2000 2550 3200 3900 0j v 6.3 5 11 6.3 11 6.3 11 6.3 11 10 12.5 10 20 12.5 20 12.5 25 16 25 16 35.5 18 35.5 20 40 22 50 145 230 270 330 630 1050 1420 1800 2150 2500 2720 3700 4500 1a 10 5 11 6.3 11 8 11.5 8 11.5 10 16 12.5 20 12.5 25 16 25 16 35.5 18 35.5 20 40 22 50 25 50 155 250 360 420 770 1250 1700 2100 2500 2640 3400 4200 4800 1c 16 5 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 31.5 18 35.5 20 40 22 50 25 50 115 185 320 420 530 950 1550 1950 2360 2590 3000 3800 4500 1e 25 5 11 5 11 6.3 11 10 12.5 10 12.5 10 16 12.5 20 16 25 16 35.5 18 35.5 20 40 22 50 25 50 105 120 200 370 470 630 1100 1800 2220 2490 3000 3700 4300 1v 35 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 20 12.5 25 16 35.5 18 35.5 20 40 22 50 25 50 1.1 2.4 3.5 5.0 10 23 35 40 65 95 120 150 250 410 570 760 1300 2090 2360 2900 3500 4000 1h 50 5 11 5 11 6.3 11 6.3 11 10 12.5 10 16 10 20 12.5 20 16 25 18 35.5 20 40 22 50 25 50 70 100 140 165 300 470 650 880 1300 2200 2700 3400 3500 1j 63 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 25 12.5 25 16 25 18 40 22 50 25 50 case size d l (mm) 2.1 4.7 7.0 10 21 30 40 45 75 120 160 210 350 600 750 1000 1370 2400 2900 100 code 2a rated ripple current (marms) at 85 c 120hz cap.(f) rated ripple


▲Up To Search▲   

 
Price & Availability of UFW1H101MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X